PART |
Description |
Maker |
FS100UM-03 |
100 A, 30 V, 0.0054 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 Bench Power Supply; Output Voltage:30V; Output Current:3A; Number of Outputs:3; Calibrated:Yes; Certificate of Calibration:Yes; Output Current 2:.5A; Output Current 3:.5A; Output Voltage 2:12V; Output Voltage 3:5V HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
74AC138MTC 74AC138PC 74AC138SC 74AC138SJ 74ACT138 |
1-of-8 Decoder/Demultiplexer From old datasheet system RECTIFIER FAST-RECOVERY SINGLE 3A 200V 100A-ifsm 0.9V-vf 25ns 10uA-ir SMC 3K/REEL-13 ACT SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, PDIP16
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
Q62703-Q1749 Q62703-Q2070 Q62703-Q3823 Q62703-Q382 |
LC 3 mm T1 LED, Diffused Low Current LED T-1 SINGLE COLOR LED, GREEN, 3 mm DIODE, ZENER, 5.6V, 1W T-1 SINGLE COLOR LED, YELLOW, 3 mm DIODE ZENER SINGLE 1000mW 5.1Vz 49mA-Izt 0.05 10uA-Ir 1Vr DO41-GLASS 5K/AMMO DIODE ZENER SINGLE 1000mW 5.1Vz 49mA-Izt 0.05 10uA-Ir 1Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 6.2Vz 41mA-Izt 0.05 10uA-Ir 3Vr DO41-GLASS 5K/REEL DIODE ZENER SINGLE 1000mW 5.6Vz 45mA-Izt 0.05 10uA-Ir 2Vr DO41-GLASS 5K/REEL LC 3 mm T1 LED Diffused Low Current LED
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
DF1502S-T DF1501S-T |
RECTIFIER BRIDGE 1.5A 200V 50A-ifsm 1.1V-vf 10uA-ir DFS 1.5K/REEL-13 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 1.5A 100V 50A-ifsm 1.1V-vf 10uA-ir DFS 1.5K/REEL-13
|
Diodes, Inc. DIODES INC
|
FK20UM-5 |
Bench Power Supply; Output Voltage:16V; Output Current:10A; Number of Outputs:1; Calibrated:No; Display Technology:LED; Output Current Max:10A; Output Current Min:0A; Output Voltage Max:16V; Output Voltage Min:0V Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
POWEREX[Powerex Power Semiconductors]
|
RM1A48A50 RM1A60A75 RM1A48A75 RM1A40A75 RM1A23D25 |
Solid-State Panel Mount Relay; Contacts:SPST; Output Device:Thyristor; Output Voltage Max:265VAC; Output Voltage Min:24VAC; Control Voltage Max:32VDC; Control Voltage Min:3VDC; Load Current Max:25A; Switching:Zero Cross
|
Carlo Gavazzi
|
24IMP12-0505-7 24IMP12-051212-7 24IMP12-05-7 24IMP |
1...12 Watt DC-DC Converters 1...12WattDC-DCConverters Test Lead Storage Rack; Color:Orange; External Width:11"; Features:Accepts Type RG-58 & RG-142 Cable Sizes; Cold Rolled Steel w/Baked Enamel Finish; 4 Mounting Holes 0.094" RoHS Compliant: NA 1 ... 12瓦特的DC - DC转换 1...12 Watt DC-DC Converters 1 ... 12瓦特的DC - DC转换 Connector Adapter; Convert From:Binding Post; Convert To:BNC Male; Contact Material:Brass; Impedance:50ohm RoHS Compliant: Yes Input voltage range:4.5-5.5V output voltage /-5V ( /-100mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-42mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-33mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-5V ( /-500mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-12V ( /-250mA) DC/DC converter Input voltage range:4.5-5.5V output voltage /-15V ( /-200mA) DC/DC converter
|
Electronic Theatre Controls, Inc. TE Connectivity, Ltd. Vishay Intertechnology, Inc. Cosmo Electronics POWER-ONE[Power-One]
|
P6LU-XXXXZH52 P6LU-0505ZH52 P6LU-053R3ZH52 P6LU-12 |
Input voltage:12V, output voltage /-15V ( /-34mA), 5.2KV isolated 1W unregulated dual output Input voltage:24V, output voltage /-7.2V ( /-69mA), 5.2KV isolated 1W unregulated dual output 5.2 KV ISOLATED 1W UNREGULATED DUAL OUTPUT SIP7 5.2千伏隔震1W的未稳压双输出SIP7 Input voltage:12V, output voltage /-5V ( /-100mA), 5.2KV isolated 1W unregulated dual output
|
PEAK[PEAK electronics GmbH]
|
PWR6011 PWR6016 PWR6018 PWR6010 PWR6012 PWR6017 PW |
1.8 Watt regulated DC/DC converter. Nom.input voltage 15VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 12VDC, rated output voltage 5VDC, rated output current 360mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -15VDC, rated output current -60mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage -12VDC, rated output current -75mA. 1.8 Watt regulated DC/DC converter. Nom.input voltage 5VDC, rated output voltage 5VDC, rated output current 360mA. Analog IC 模拟IC 1.8 WATT UNREGULATED DC/DC CONVERTER 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE DIODE ZENER SINGLE 500mW 2.5Vz 20mA-Izt 0.05 100uA-Ir 1Vr DO35-GLASS 5K/AMMO 2-OUTPUT 1.8 W DC-DC REG PWR SUPPLY MODULE
|
Molex, Inc. Bourns, Inc. CANDD[C&D Technologies]
|
SD210DE SST823 SST824 SD5001N SD5401CY SST215 |
Voltage Regulator IC; Package/Case:5-SOT-23; Output Current:150mA; Output Voltage:2.9V; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.9V RoHS Compliant: No Voltage Regulator IC; Output Current:150mA; Output Voltage:2.8V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process HIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS
|
LINEAR[Linear Integrated Systems]
|
CMA4825P-10 CMA4850 |
TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX Solid-State DIN Rail Mount Relay; Output Device:SCR; Output Voltage Max:530Vrms; Output Voltage Min:48Vrms; Control Voltage Max:10VAC; Control Voltage Min:140VAC; Load Current Max:50A; Switching:Zero Cross RoHS Compliant: Yes
|
CRYDOM CORP
|